Part Number Hot Search : 
330M10 MP420907 TDA200 ON0914 05A169G BF245B NS4203 TSM0505S
Product Description
Full Text Search
 

To Download APSK2R5E561ME08S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  radial lead npcap tm - psk series ? super low esr, high ripple current capability ? downsized from pse series ( 6.38l to 58l) ? long life (20,000 hours at 105 ) ? solvent resistant type (see precautions and guidelines) ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +105 rated voltage range 2.5 to 6.3 v dc capacitance tolerance 20% (m) (at 20 , 120hz) surge voltage rated voltage(v) 1.15 (at 105 ) leakage current *note 500a max. (at 20 after 2 minutes) dissipation factor (tan  ) 0.10 max. (at 20 , 120hz) low temperature characteristics (max.impedance ratio) z(-25 )/z(+20 ) Q 1.15 z(-55 )/z(+20 ) Q 1.25 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after the rated voltage is applied for 20,000 hours at 105 . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity test the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to dc voltage at 60 , 90 to 95% rh for 1,000 hours. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q the initial speci?ed value leakage current Q the initial speci?ed value surge voltage test the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage speci?ed at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q the initial speci?ed value leakage current Q the initial speci?ed value failure rate 0.5% per 1,000 hours maximum (con?dence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105. dimensions [mm] coat ed case l' 15min. 4min. d' d f 0.5 t er minal code : e size code d d f d' l' e08 5.0 0.5(note2) 2.0 d+0.5max. l+1.0max. note2 : 0.45 for rated vollage 2.5v downsized psk pse p56 marking k 6d6 560 2 . 5 v ex) 2.5v560f 52 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors
radial lead npcap tm - psk series part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 560f:561) terminal code series code category a p s k e a a 5 6 1 e 0 8 s m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 please ref er to "product code guide (conductiv e polymer type)" lead forming . taping code voltage code (ex. 2.5v:2r5, 6.3v:6r3) standard ratings wv (v dc ) cap (f) case size  d  l (mm) esr (m 
max./20 ? , 100k to 300khz) rated ripple current (marms/105 ? , 100khz) part no. 2.5 220 5 8 7 4,350 apsk2r5e 221me08s 330 5 8 7 4,350 apsk2r5e 331me08s 470 5 8 7 4,350 apsk2r5e 471me08s 560 5 8 7 4,350 apsk2r5e 561me08s 4 330 5 8 8 4,050 apsk4r0e 331me08s 6.3 270 5 8 10 3,700 apsk6r3e 271me08s 330 5 8 8 4,050 apsk6r3e 331me08s : enter the appropriate lead forming or taping code. 53 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors


▲Up To Search▲   

 
Price & Availability of APSK2R5E561ME08S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X